Part Number Hot Search : 
KK4006BN J0000F HT45F56 251G2 MVCO940 74ALVC16 EG200 TFA108S
Product Description
Full Text Search
 

To Download STGD3NB60KD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGD3NB60KD
N-CHANNEL 3A - 600V - DPAK SHORT CIRCUIT PROOF PowerMESHTM IGBT
TYPE STD3NB60KD
s s s s s s s s s s
VCES 600 V
VCE(sat) < 2.8 V
IC 3A
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW ON-LOSSES LOW GATE CHARGE HIGH CURRENT CAPABILITY OFF LOSSES INCLUDE TAIL CURRENT VERY HIGH FREQUENCY OPERATION SHORT CIRCUIT RATED LATCH CURRENT FREE OPERATION CO-PACKAGED WITH TURBOSWITCHTM ANTIPARALLEL DIODE
3 1
DPAK
INTERNAL SCHEMATIC DIAGRAM
DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "K" identifies a family optimized for high frequency motor control applications with short circuit withstand capability. APPLICATIONS s HIGH FREQUENCY MOTOR CONTROLS s SMPS and PFC ABSOLUTE MAXIMUM RATINGS
Symbol VCES VECR VGE IC IC ICM ( ) Tsc PTOT Tstg Tj Parameter Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Short Circuit Withstand Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 600 20 20 6 3 24 10 35 0.28 -65 to 150 150 Unit V V V A A A
s
W W/C C C
( ) Pulse width limited by safe operating area
April 2003
1/9
STGD3NB60KD
THERMAL DATA
Rthj-case Rthj-amb Rthc-h Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-heatsink Typ 3.57 100 0.5 C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol VBR(CES) ICES IGES Parameter Collectro-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Conditions IC = 250 A, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20V , VCE = 0 Min. 600 10 100 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGE(th) VCE(sat) Parameter Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions VCE = VGE, IC = 250A VGE = 15V, IC = 3 A VGE = 15V, IC = 3 A, Tj =125C Min. 5 2.4 1.9 Typ. Max. 7 2.8 Unit V V V
DYNAMIC
Symbol gfs Cies Coes Cres Qg Qge Qgc tscw Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Short Circuit Withstand Time Test Conditions VCE = 25 V , IC =3 A VCE = 25V, f = 1 MHz, VGE = 0 Min. 1.3 Typ. 2.4 235 33 6.6 21 6 7.6 10 27 Max. Unit S pF pF pF nC nC nC s
VCE = 480V, IC = 3 A, VGE = 15V Vce = 0.5 BVces , VGE = 15 V, Tj = 125C , RG = 10
SWITCHING ON
Symbol td(on) tr (di/dt)on Eon Parameter Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Conditions VCC = 480 V, IC = 3 A RG = 10 , VGE = 15 V VCC= 480 V, IC = 7 A RG=10 VGE = 15 V,Tj = 125C Min. Typ. 16 30 400 37 Max. Unit ns ns A/s J
2/9
STGD3NB60KD
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING OFF
Symbol tc tr(Voff) td(off) tf Eoff(**) Ets tc tr(Voff) td(off) tf Eoff(**) Ets Parameter Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc = 480 V, IC = 3 A, RGE = 10 , VGE = 15 V Tj = 125 C Test Conditions Vcc = 480 V, IC =3 A, RGE = 10 , VGE = 15 V Min. Typ. 90 36 53 70 33 65 180 82 58 110 88 125 Max. Unit ns ns ns ns
J J
ns ns ns ns
J J
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
COLLECTOR-EMITTER DIODE
Symbol If Ifm Vf trr Qrr Irrm Parameter Forward Current Forward Current pulsed Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current If = 1.5 A If = 1.5 A, Tj = 125 C If = 1.5 A ,VR = 200 V, Tj = 125C, di/dt = 100 A/s 1.6 1.3 90 100 2.7 Test Conditions Min. Typ. Max. 1 8 2 Unit A A V V ns nC A
Thermal Impedance
3/9
STGD3NB60KD
Output Characteristics Transfer Characteristics
Transconductance
Collector-Emitter On Voltage vs Temperature
Collector-Emitter On Voltage vs Collettor Current
Gate Threshold vs Temperature
4/9
STGD3NB60KD
Normalized Breakdown Voltage vs Temperature Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
Emitter-collector Diode Characteristics
5/9
STGD3NB60KD
Total Switching Losses vs Collector Current Switching Off Safe Operating Area
6/9
STGD3NB60KD
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
7/9
STGD3NB60KD
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0o 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.8 1.00 8o 0.024 0o TYP. MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 0.039 0o inch TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
DIM.
P032P_B
8/9
STGD3NB60KD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STGD3NB60KD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X